データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G030K8 データシート(PDF) 29 Page - STMicroelectronics

部品番号 STM32G030K8
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030K8 データシート(HTML) 29 Page - STMicroelectronics

Back Button STM32G030K8 Datasheet HTML 25Page - STMicroelectronics STM32G030K8 Datasheet HTML 26Page - STMicroelectronics STM32G030K8 Datasheet HTML 27Page - STMicroelectronics STM32G030K8 Datasheet HTML 28Page - STMicroelectronics STM32G030K8 Datasheet HTML 29Page - STMicroelectronics STM32G030K8 Datasheet HTML 30Page - STMicroelectronics STM32G030K8 Datasheet HTML 31Page - STMicroelectronics STM32G030K8 Datasheet HTML 32Page - STMicroelectronics STM32G030K8 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
DS12991 Rev 1
29/94
STM32G030x6/x8
Pinouts, pin description and alternate functions
34
4
Pinouts, pin description and alternate functions
Figure 3. STM32G030CxT LQFP48 pinout
Figure 4. STM32G030KxT LQFP32 pinout
MSv47928V1
PC13
PC14-OSC32_IN
PC15-OSC32_OUT
VBAT
VREF+
VDD/VDDA
VSS/VSSA
NRST
PF0-OSC_IN
PF1-OSC_OUT
PA0
PA1
PA14-BOOT0
PA13
PA12 [PA10]
PA11 [PA9]
PA10
PC7
PC6
PA9
PA8
PB15
PB14
PB13
Top view
LQFP48
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
MSv47929V1
PB9
PC14-OSC32_IN
PC15-OSC32_OUT
VDD/VDDA
VSS/VSSA
NRST
PA0
PA1
PA13
PA12 [PA10]
PA11 [PA9]
PA10
PC6
PA9
PA8
PB2
Top view
LQFP32
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94