データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G030K8 データシート(PDF) 32 Page - STMicroelectronics

部品番号 STM32G030K8
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030K8 データシート(HTML) 32 Page - STMicroelectronics

Back Button STM32G030K8 Datasheet HTML 28Page - STMicroelectronics STM32G030K8 Datasheet HTML 29Page - STMicroelectronics STM32G030K8 Datasheet HTML 30Page - STMicroelectronics STM32G030K8 Datasheet HTML 31Page - STMicroelectronics STM32G030K8 Datasheet HTML 32Page - STMicroelectronics STM32G030K8 Datasheet HTML 33Page - STMicroelectronics STM32G030K8 Datasheet HTML 34Page - STMicroelectronics STM32G030K8 Datasheet HTML 35Page - STMicroelectronics STM32G030K8 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
Pinouts, pin description and alternate functions
STM32G030x6/x8
32/94
DS12991 Rev 1
4
9
9
13
PA2
I/O
-
S
-
SPI1_MOSI/I2S1_SD,
USART2_TX,
ADC_IN2,
WKUP4,LSCO
-
10 10 14
PA3
I/O
-
S
-
SPI2_MISO, USART2_RX,
EVENTOUT
ADC_IN3
-
-
-
15
PA4
I/O
-
S
-
SPI1_NSS/I2S1_WS,
SPI2_MOSI, TIM14_CH1,
EVENTOUT
ADC_IN4, RTC_OUT2
-
11 11
-
PA4
I/O
-
S
-
SPI1_NSS/I2S1_WS,
SPI2_MOSI, TIM14_CH1,
EVENTOUT
ADC_IN4,
TAMP_IN1, RTC_TS,
RTC_OUT1, WKUP2
-
12 12 16
PA5
I/O
-
S
-
SPI1_SCK/I2S1_CK,
EVENTOUT
ADC_IN5
-
13 13 17
PA6
I/O
-
S
-
SPI1_MISO/I2S1_MCK,
TIM3_CH1, TIM1_BK,
TIM16_CH1
ADC_IN6
-
14 14 18
PA7
I/O
-
S
-
SPI1_MOSI/I2S1_SD,
TIM3_CH2, TIM1_CH1N,
TIM14_CH1, TIM17_CH1
ADC_IN7
5 15 15 19
PB0
I/O
-
S
-
SPI1_NSS/I2S1_WS,
TIM3_CH3, TIM1_CH2N
ADC_IN8
5 15 16 20
PB1
I/O
-
S
-
TIM14_CH1, TIM3_CH4,
TIM1_CH3N, EVENTOUT
ADC_IN9
-
15 17 21
PB2
I/O
-
S
-
SPI2_MISO, EVENTOUT
ADC_IN10
-
-
-
22
PB10
I/O
-
S
-
SPI2_SCK, I2C2_SCL
ADC_IN11
-
-
-
23
PB11
I/O
-
S
-
SPI2_MOSI, I2C2_SDA
ADC_IN15
-
-
-
24
PB12
I/O
-
S
-
SPI2_NSS, TIM1_BK,
EVENTOUT
ADC_IN16
-
-
-
25
PB13
I/O
-
S
-
SPI2_SCK, TIM1_CH1N,
I2C2_SCL, EVENTOUT
-
-
-
-
26
PB14
I/O
-
S
-
SPI2_MISO, TIM1_CH2N,
I2C2_SDA, EVENTOUT
-
-
-
-
27
PB15
I/O
-
S
-
SPI2_MOSI, TIM1_CH3N,
EVENTOUT
RTC_REFIN
5 15 18 28
PA8
I/O
-
S
-
MCO, SPI2_NSS, TIM1_CH1,
EVENTOUT
-
Table 12. Pin assignment and description (continued)
Pin
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94