データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESDALC6V1P3 データシート(PDF) 8 Page - STMicroelectronics

部品番号 ESDALC6V1P3
部品情報  ASD (Application Specific Devices) Low capacitance TRANSIL??arrays for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1P3 データシート(HTML) 8 Page - STMicroelectronics

  ESDALC6V1P3 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
ESDALC6V1Px
8/9
4
Ordering information
5
Revision history
Part number
Marking
Package
Weight
Base qty
Delivery mode
ESDALC6V1P3
A2
SOT663
2.9 mg
3000
Tape and reel
ESDALC6V1P5
A1
SOT665
2.9 mg
3000
Tape and reel
ESDALC6V1P6
D
SOT666IP
2.9 mg
3000
Tape and reel
Date
Revision
Description of changes
16-Aug-2006
1
ESDALC6V1P3, ESDALC6V1P5, and ESDALC6V1P6
merged and reformatted to current standards.
23-Aug-2006
2
Table 1 on page 2:
Temperature range upgraded to Tj max = 150° C
11-Oct-2006
3
Added values for VPP in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9