| データシートサーチシステム |
|
KW2D-R100Q4E. データシート(PDF) 3 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
KW2D-R100Q4E. データシート(HTML) 3 Page - IDEC Corporation |
|
3 / 16 page ![]() Holder feature available for mounting RFID tags With a verification function inside, the verified result can be communicated to the host device as data. An Ethernet port enhances connection compatibility with host devices • Supported protocol: Modbus TCP (server) * EtherNet/IP and CC-LINK IE FB will be supported soon. Panel Mount RFID Reader * If the verification function is not used, a communication error will occur if the result is not sent back to the RFID main unit. Verification result (Success/Error) Authority level, etc. UID Name 1, 2 * 5 types are available (sold separately). 3 |