| データシートサーチシステム |
|
KW2D-R100Q4E. データシート(PDF) 8 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
KW2D-R100Q4E. データシート(HTML) 8 Page - IDEC Corporation |
|
8 / 16 page ![]() Supported character codes UTF-8, ASCII, Japanese (Shift-JIS), Chinese (GB2312), Western Europe (ISO 8859-1) The following data can be acquired via ModbusTCP communication * The same configuration is also used for EtherNet/IP and CC-LINK IE FB. Communication via Ethernet with host devices such as touch panels and PLCs When using a supported communication protocol KW2D series RFID Reader UID: 123456789 0ABCDEF Switching hub Verification - Success PLC or controller External device - Inverter, motor, etc. Employee ID card IoT Touch panel System Configuration Example KW2D SERIES • UID Input register (300004 to 300008) • Name 1 Input register (300012 to 300020) • Name 2 Input register (300022 to 300030) • Authority level Input register (300002) • Verification success Input relay (100001) • Verification error Input relay (100002) Next, simply enter the required data via the touch panel or PLC. Verification success Verification error UID Name 1, 2 Authority level 8 |