データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM330023 データシート(PDF) 2 Page - Microchip Technology

部品番号 DM330023
部品情報  dsPIC33EP256MC506 Plug-In Module (PIM) Information Sheet for External Op Amp Configuration
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023 データシート(HTML) 2 Page - Microchip Technology

  DM330023 Datasheet HTML 1Page - Microchip Technology DM330023 Datasheet HTML 2Page - Microchip Technology DM330023 Datasheet HTML 3Page - Microchip Technology DM330023 Datasheet HTML 4Page - Microchip Technology DM330023 Datasheet HTML 5Page - Microchip Technology DM330023 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
dsPIC33EP256MC506
DS52086A-page 2
 2012 Microchip Technology Inc.
Table 2 provides the static mapping between the 100-pin PIM pins and the device pins.
TABLE 2:
64-PIN DEVICE TO 100-PIN PIM MAPPING
Device
Pin #
dsPIC33EP256MC506
Device Functional Description
PIM Pin #
Device
Pin #
dsPIC33EP256MC506
Device Functional Description
PIM Pin #
1
TDI/RA7
—
33
CVREF2O/SDO1/RP20/T1CK/RA4
—
2
RPI46/PWM1H/T3CK/RB14
94
34
SDI1/RPI25/RA9
77
3
RPI47/PWM1LT5CK/RB15
93
35
SCK1/RPI51/RC3
79
4
RP118/RG6
84
36
SDA1/RPI52/RC4
69
5
RPI119/RG7
83
37
SCL1/RPI53/RC5
49
6
RP120/RG8
76
38
VDD
2, 16, 37, 46, 62,
86
7
MCLR
13
39
OSC1/CLKI/RC12
63
8
RPI121/RG9
72
40
OSC2/CLKO/RC15
64
9
VSS
15, 36, 45, 65, 75
41
VSS
15, 36, 45, 65, 75
10
VDD
2, 16, 37, 46, 62, 86
42
RD8
—
11
AN10/RPI28/RA12
35
43
PGED2/ASDA2/RP37/RB5
27
12
AN9/RPI27/RA11
25
44
PGEC2/ASCL2/RP38/RB6
26
13
AN0/OA2OUT/RA0
42
45
RPI58/RC10
61
14
AN1/C2IN1+/RA1
22, 41
46
RP39/INT0/RB7
19
15
PGED3/VREF-/AN2/C2IN1-/SS1/RPI32/CTED2/RB0
43
47
RC13
82
16
PGEC3/VREF+/AN3/OA1OUT/RPI33/CTED1/RB1
59
48
TCK/CVREF1O/ASCL1/RP40/T4CK/RB8
68
17
PGEC1/AN4/C1IN1+/RPI34/RB2
21
49
TMS/ASDA1/RP41/RB9
78
18
PGED1/AN5/C1IN1-/RP35/RB3
29
50
RP54/RC6
47
19
AVDD
30
51
RP55/RC7
70
20
AVSS
31
52
RP56/RC8
88
21
AN6/OA3OUT/C4IN1+/OCFB/RC0
58
53
RD5
60
22
AN7/C3IN1-/C4IN1-/RC1
29
54
RD6
1
23
AN8/C3IN1+/U1RTS/BCLK1/FLT3/RC2
20
55
RP57/RC9
87
24
AN11/C1IN2-/U1CTS/FLT4/RC11
24
56
VCAP
—
25
VSS
15, 36, 45, 65, 75
57
VDD
2, 16, 37, 46, 62,
86
26
VDD
2, 16, 37, 46, 62, 86
58
RPI96/RF0
48
27
AN12/C2IN2-/U2RTS/BCLK2/RE12
29
59
RP97/RF1
50
28
AN13/C3IN2-/U2CTS/RE13
32, 33
60
RP42/PWM3H/RB10
3
29
AN14/RPI94/RE14
23
61
RP43/PWM3L/RB11
100
30
AN15/RPI95/RE15
34
62
RPI44/PWM2H/RB12
99
31
SDA2/RPI24/RA8
80
63
RPI45/PWM2L/CTPLS/RB13
98
32
FLT32/SCL2/RP36/RB4
18
64
TDO/RA10
—



Html Pages

1 2 3 4 5 6