| データシートサーチシステム |
|
DM330023 データシート(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM330023 データシート(HTML) 1 Page - Microchip Technology |
|
1 / 6 page ![]() 2012 Microchip Technology Inc. DS52086A-page 1 dsPIC33EP256MC506 The dsPIC33EP256MC506 External Op Amp Motor Control PIM is designed to demonstrate the capabilities of the dsPIC33EP256MC506 motor control device, using external on-board op amps with development boards, such as the dsPICDEM™ MCLV-2 Development Board (DM330021-2) and the dsPICDEM MCHV-2 Development Board (DM330023-2), which support 100-pin PIM interfaces. The dsPIC33EP256MC506 is a high-performance, 16-bit Digital Signal Controller (DSC) in a 64-pin TQFP package. To operate this PIM with the dsPICDEM MCLV-2 and dsPICDEM MCHV-2 Development Boards, please insert the External Op Amp Configuration Board into the header, J4, (for the dsPICDEM MCHV-2 Development Board) or header, J14 (for the dsPICDEM MCLV-2 Development Board). Figure 1 shows the connection location for the dsPICDEM MCHV-2 Development Board. FIGURE 1: EXTERNAL OP AMP CONFIGURATION BOARD Hardware Compatibility Table 1 provides information on the hardware versions of the motor control boards that are compatible with this PIM. Refer to the user’s guide for the specific motor control board for hardware version identification information. TABLE 1: HARDWARE COMPATIBILITY Development Board Part Number Compatible Hardware Version(s) dsPICDEM™ MCHV Development Board DM330023 Not compatible dsPICDEM™ MCLV Development Board DM330021 Not compatible dsPICDEM™ MCSM Development Board DM330022 Not compatible dsPICDEM™ MCHV-2 Development Board DM330023-2 All revisions dsPICDEM™ MCLV-2 Development Board DM330021-2 All revisions Warning: Do not connect non-isolated oscilloscope probes to the test points on the dsPIC33EP256MC506 External Op Amp Motor Control PIM while using the PIM with the dsPICDEM™ MCHV-2 Development Board. Use a high-voltage differential probe, rated in excess of 600 VRMS (Common mode). Failure to heed this warning could result in hardware damage. dsPIC33EP256MC506 Plug-In Module (PIM) Information Sheet for External Op Amp Configuration |
同様の部品番号 - DM330023 |
|
同様の説明 - DM330023 |