データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

640468 データシート(PDF) 40 Page - TE Connectivity Ltd

部品番号 640468
部品情報  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 データシート(HTML) 40 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 36Page - TE Connectivity Ltd 640468 Datasheet HTML 37Page - TE Connectivity Ltd 640468 Datasheet HTML 38Page - TE Connectivity Ltd 640468 Datasheet HTML 39Page - TE Connectivity Ltd 640468 Datasheet HTML 40Page - TE Connectivity Ltd 640468 Datasheet HTML 41Page - TE Connectivity Ltd 640468 Datasheet HTML 42Page - TE Connectivity Ltd 640468 Datasheet HTML 43Page - TE Connectivity Ltd 640468 Datasheet HTML 44Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
40
A
.130
[3.30]
.105
[2.67]
.440
[11.18]
.335
[8.51]
Retention Dimple
.127
[3.23]
.440
[11.18]
Note: This portion of front locking bar
may or may not be present
A
.335
[8.51]
Closed End Covers
Material (RoHS Compliant)
Strain Relief Covers — UL94V-2
rated, nylon, white
Dust Covers — UL94V-0 rated,
polyester, white
Strain Relief Covers
Dust Covers
Base Part Numbers
Closed End
Strain Relief
Dust
Covers
Covers
Cover
No. of
Cover
No. of
Part Nos.
Circuits
Part Nos.
Circuits
643067
2–24
640551
2–24
Cover Length
No. of
Dim.
Prefix/
Circuits
A
Suffix
2
.312
-2
7.92
3
.468
-3
11.89
4
.624
-4
15.85
5
.780
-5
19.81
6
.936
-6
23.77
7
1.092
-7
27.74
8
1.248
-8
31.7
9
1.404
-9
35.66
10
1.560
1- -0
39.62
11
1.716
1- -1
43.59
12
1.872
1- -2
47.55
13
2.028
1- -3
51.51
14
2.184
1- -4
55.47
15
2.340
1- -5
59.44
16
2.496
1- -6
63.4
17
2.652
1- -7
67.36
No. of
Dim.
Prefix/
Circuits
A
Suffix
No. of
Dim.
Prefix/
Circuits
A
Suffix
18
2.808
1- -8
71.32
19
2.964
1- -9
75.29
20
3.120
2- -0
79.25
21
3.276
2- -1
83.21
22
3.432
2- -2
87.17
23
3.588
2- -3
91.14
24
3.744
2- -4
95.1
Cover Ordering Information
The “Base Part Numbers”
Chart at right shows the
base part number and
number of circuits available
for the described cover.
Prefixes and suffixes are
determined by the number
of circuit positions in the
cover. For example, the
complete part number for a
10-position closed-end
strain relief cover would be:
Base number 643067 plus
prefix-and-suffix
1- — -0
The correct ordering number
is
1-643067-0
Feed-Thru Covers
Material (RoHS Compliant)
Strain Relief Covers — UL94V-2
rated, nylon, white
Dust Covers — UL94V-0 rated,
polyester, white
Strain Relief Covers
Dust Covers
.127
[3.23]
.470
[11.94]
Note: This portion of front locking bar
may or may not be present
A
A
.325
[8.26]
.475
[12.07]
.130
[3.3]
Retention Dimple
Base Part Numbers
Feed-Thru
Strain Relief
Dust
Covers
Covers
Cover
No. of
Cover
No. of
Part Nos.
Circuits
Part Nos.
Circuits
643071
2–24
640643
2–24
MTA-156 Connector Accessories
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84