データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

640468 データシート(PDF) 67 Page - TE Connectivity Ltd

部品番号 640468
部品情報  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 データシート(HTML) 67 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 63Page - TE Connectivity Ltd 640468 Datasheet HTML 64Page - TE Connectivity Ltd 640468 Datasheet HTML 65Page - TE Connectivity Ltd 640468 Datasheet HTML 66Page - TE Connectivity Ltd 640468 Datasheet HTML 67Page - TE Connectivity Ltd 640468 Datasheet HTML 68Page - TE Connectivity Ltd 640468 Datasheet HTML 69Page - TE Connectivity Ltd 640468 Datasheet HTML 70Page - TE Connectivity Ltd 640468 Datasheet HTML 71Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
67
Plug Housings and
Post Headers
Plug Housings
.200 [5.08] Centerline
Material and Finish
(RoHS Compliant)
Housing — UL 94V-0 rated nylon,
natural color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Related Product Data
Contacts — Page 64
Mating Post Headers — See below
A
.406
[10.30]
.263
[8.88]
.051
[1.30]
.200
[5.08]
.051
[1.30]
.053
[1.35]
Typ.
Typ.
Circuit No. 1
Number of
Dimension
Part
Positions
A
Number
2
.353 [ 8.98]
1744036-2
3
.553 [14.06]
1744036-3
4
.753 [19.14]
1744036-4
5.953 [24.22]
1744036-5
6
1.153 [29.30]
1744036-6
7
1.353 [34.38]
1744036-7
8
1.553 [39.46]
1744036-8
9
1.753 [44.54]
1744036-9
10
1.953 [49.62]
1-1744036-0
11
2.153 [54.70]
1-1744036-1
12
2.353 [59.78]
1-1744036-2
Post Headers
.200 [5.08] Centerline
Material and Finish
(RoHS Compliant)
Housing — UL 94V-0 rated nylon,
natural color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Post—Tin-plated brass
Related Product Data
Mating Plug Housings — See above
Number of
Dimension
Part Number
Positions
A
Straight
Right-Angle
2
.302 [ 7.68]
1744037-2
1744048-2
3
.502 [12.76]
1744037-3
1744048-3
4
.702 [17.84]
1744037-4
1744048-4
5
.902 [22.92]
1744037-5
1744048-5
6
1.102 [28.00]
1744037-6
1744048-6
7
1.302 [33.08]
1744037-7
1744048-7
8
1.502 [38.16]
1744037-8
1744048-8
9
1.702 [43.24]
1744037-9
1744048-9
10
1.902 [48.32]
1-1744037-0
1-1744048-0
11
2.102 [53.40]
1-1744037-1
1-1744048-1
12
2.302 [58.48]
1-1744037-2
1-1744048-2
A
.339
[8.60]
.575
[14.60]
.200
[5.08]
Typ.
Typ.
.323
[8.21]
.200
[5.08]
Ø .065/.069
[1.65/1.75]
.190
[4.82]
.303
[7.70]
.370
[9.40]
.059
[1.51]
.146
[3.70]
Post No. 1
Recommended PC Board Layout
Sq. Post
.045
[1.14]
A
.339
[8.60]
Edge of Board
.059
[1.51]
.323
[8.21]
.142
[3.60]
.669
[17.00]
Ø .065/.069
[1.65/1.75]
.190
[4.82]
.303
[7.70]
.370
[9.40]
Post
No. 1
Ref.
Max.
2 Plcs.
.080
[2.02]
Sq. Post
.045
[1.14]
.200
[5.08]
Typ.
Recommended PC Board Layout
AMP Economy Power (EP) Wire-to-Board Connector System (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com