データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DFR0502 データシート(PDF) 3 Page - DFROBOT

部品番号 DFR0502
部品情報  Gravity:IO Expansion & Motor Driver Shield V1.1 SKU: DFR0502
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DFROBOT [DFROBOT]
ホームページ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0502 データシート(HTML) 3 Page - DFROBOT

  DFR0502 Datasheet HTML 1Page - DFROBOT DFR0502 Datasheet HTML 2Page - DFROBOT DFR0502 Datasheet HTML 3Page - DFROBOT DFR0502 Datasheet HTML 4Page - DFROBOT DFR0502 Datasheet HTML 5Page - DFROBOT DFR0502 Datasheet HTML 6Page - DFROBOT DFR0502 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DFR0502_BOARD2_pinout
Detail Explanation
LED “L”
Here is an onboard LED in the expansion shield, it is connected to digital pin 13.
D&A
Letter ’D’ and ‘A’ are printed in the Gravity: IO Expansion & Motor Driver Shield
‘D’: stands for digital signal, which should be connected to digital pins.
‘A’: stands for analog signal, which should be connected to analog pins.



Html Pages

1 2 3 4 5 6 7