| データシートサーチシステム |
|
DFR0502 データシート(PDF) 5 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0502 データシート(HTML) 5 Page - DFROBOT |
|
5 / 7 page ![]() Sample Code /*! * file motor.ino * brief Show Show The motor turns clockwise or counterclockwise. * Copyright [DFRobot](http://www.dfrobot.com) * Copyright GNU Lesser General Public License * * @author [DongZi](dongzi.liu@dfrobot.com) * version V1.0 * date 2017-07-05 */ void setup() { pinMode(4,OUTPUT); /* define pin (4,5,6,7) out*/ pinMode(5,OUTPUT); pinMode(6,OUTPUT); pinMode(7,OUTPUT); } void motor_c(char motor_n,char direction_m,int speed_m ) /* motor_n: the moto r number to drive(0 stands for M1;1 stands for M2)*/ /* direction_m : the motor rotary direction(0 is clockwise and 1 is counter-c lockwise).*/ /* speed_m: to control the motor rotation speed(from 0 to 255 ), the speed_m value is larger, the rotation speed is faster;*/ { if(motor_n==1) { if(direction_m==1) {digitalWrite(4,HIGH); // pin 4 controls M2 rotary direction analo gWrite(5,speed_m); //pin 5 controls M2 rotation speed } else {digitalWrite(4,LOW); analogWrite(5,speed_m); } } else { |