| データシートサーチシステム |
|
STW4810CHDRLF データシート(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4810CHDRLF データシート(HTML) 43 Page - STMicroelectronics |
|
43 / 78 page ![]() STw4810 Functional description 43/78 The transceiver receives USB data in the following conditions: uart_en = 0 (USB control register 1); oe_int_en = 1 UART mode UART mode is entered by setting the ‘uart_en’ bit to 1 (USB control register 1 - Table 11). The transceiver contains two digital logic level translators between the following balls: ● TXD signal: from USBVM to DN ● RXD signal: from DP to USBVP When not in UART mode the level translators are disabled. Table 33. Data receiver via USB control register 1 USB mode (dat_se0) Suspend Inputs Outputs DP DN USBVP USBVM USBRCV 1 (DAT_SE0 mode) 0 0 0 Diff rcv 1 1 not used 1 (DAT_SE0 mode) 0 1 0 1 0 not used 1 (DAT_SE0 mode) 0 0 1 0 0 not used 1 (DAT_SE0 mode) 0 1 1 Diff rcv 1 0 not used 1 (DAT_SE0 mode) 1 0 0 0 1 not used 1 (DAT_SE0 mode) 1 1 0 1 0 not used 1 (DAT_SE0 mode) 1 0 1 0 0 not used 1 (DAT_SE0 mode) 1 1 1 1 0 not used 0 (VP_VM mode) 0 0 0 0 0 diff rcv 1 0 (VP_VM mode) 0 1 0 1 0 1 0 (VP_VM mode) 0 0 1 0 1 0 0 (VP_VM mode) 0 1 1 1 1 diff rcv 1 0 (VP_VM mode) 1 0 0 0 0 not used 0 (VP_VM mode) 1 1 0 1 0 not used 0 (VP_VM mode) 1 0 1 0 1 not used 0 (VP_VM mode) 1 1 1 1 1 not used |