データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSC04A065LP データシート(PDF) 1 Page - Diodes Incorporated

部品番号 DSC04A065LP
部品情報  SILICON CARBIDE SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSC04A065LP データシート(HTML) 1 Page - Diodes Incorporated

  DSC04A065LP Datasheet HTML 1Page - Diodes Incorporated DSC04A065LP Datasheet HTML 2Page - Diodes Incorporated DSC04A065LP Datasheet HTML 3Page - Diodes Incorporated DSC04A065LP Datasheet HTML 4Page - Diodes Incorporated DSC04A065LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DSC04A065LP
Document number: DS46665 Rev. 2 - 2
1 of 5
www.diodes.com
December 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
DSC04A065LP
SILICON CARBIDE SCHOTTKY DIODE
Product Summary
VRRM (V)
IO (A)
VF (Max) (V)
@ +25°C
IR (Typ) (µA)
@ +25°C
650
4
1.5
0.11
Description and Applications
Packaged in the robust industry-standard DFN8080 package, the
DSC04A065LP provides excellent reverse leakage stability at high
temperatures. It is ideal for use as a rectifier, freewheel diode, or
blocking diode in:
•
Power factor correction
•
Industrial motor drivers
•
Power inverters
•
SMPS
•
UPS
Features and Benefits
•
Low Conduction and Switching Loss
•
High-Temperature Application
•
Positive Temperature Coefficient on VF
•
Fast Reverse Recovery
•
High Surge Current Capability
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
•
Package: DFN8080
•
Package Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.214 grams (Approximate)
Ordering Information (Note 4)
Orderable Part Number
Package
Packing
Qty.
Carrier
DSC04A065LP-13
DFN8080
2,500
Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
DFN8080


同様の部品番号 - DSC04A065LP

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
DSC04A065LP DIODES-DSC04A065LP Datasheet
259Kb / 2P
650V SiC Schottky Diodes with Exceptionally Low FOM Provide Highest Efficiency for Power Solutions
April 2025
DSC04A065LP-13 DIODES-DSC04A065LP-13 Datasheet
259Kb / 2P
650V SiC Schottky Diodes with Exceptionally Low FOM Provide Highest Efficiency for Power Solutions
April 2025
More results

同様の説明 - DSC04A065LP

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com