データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSC04A065LP データシート(PDF) 3 Page - Diodes Incorporated

部品番号 DSC04A065LP
部品情報  SILICON CARBIDE SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSC04A065LP データシート(HTML) 3 Page - Diodes Incorporated

  DSC04A065LP Datasheet HTML 1Page - Diodes Incorporated DSC04A065LP Datasheet HTML 2Page - Diodes Incorporated DSC04A065LP Datasheet HTML 3Page - Diodes Incorporated DSC04A065LP Datasheet HTML 4Page - Diodes Incorporated DSC04A065LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DSC04A065LP
Document number: DS46665 Rev. 2 - 2
3 of 5
www.diodes.com
December 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
DSC04A065LP
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
175
CASE TEMPERATURE (
℃)
Figure 1. Forward Current Derating Curve
0
20
40
60
80
100
120
1
10
tp, PULSE DURATION (ms)
Figure 2. Non-Repetitive Peak Surge Forward Current
TJ = 25℃
TJ = 125℃
Half sine wave
0
2
4
6
8
10
12
0
1
2
3
4
5
INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 3. Typical Forward Characteristics
TJ = 25℃
TJ = 100℃
TJ = 125℃
TJ = 150℃
TJ = 175℃
0
50
100
150
200
250
0.0
0.1
1.0
10.0
100.0
REVERSE VOLTAGE (V)
Figure 4. Typical Junction Capacitance
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
130
260
390
520
650
RATED PEAK REVERSE VOLTAGE (V)
Figure 5. Typical Reverse Characteristics
TJ = 25℃
TJ = 100℃
TJ = 125℃
TJ = 150℃
TJ = 175℃
0
2
4
6
8
10
12
14
16
18
100
400
700
1000
REVERSE VOLTAGE (V)
Figure 6. Typical Capacitive Charges



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com