| データシートサーチシステム |
|
AM26LS32AI データシート(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32AI データシート(HTML) 31 Page - Texas Instruments |
|
31 / 35 page ![]() www.ti.com PACKAGE OUTLINE C 14X 0.65 2X 4.55 16X 0.30 0.17 6.6 6.2 TYP 1.2 MAX 0.15 0.05 0.25 GAGE PLANE 0 -8 4X (0 -12 ) B 4.5 4.3 NOTE 4 A 5.1 4.9 NOTE 3 0.75 0.50 (0.15) TYP TSSOP - 1.2 mm max height PW0016A SMALL OUTLINE PACKAGE 4220204/B 12/2023 1 8 9 16 0.1 C A B PIN 1 INDEX AREA SEE DETAIL A 0.1 C NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed 0.15 mm per side. 4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side. 5. Reference JEDEC registration MO-153. SEATING PLANE A 20 DETAIL A TYPICAL SCALE 2.500 |