| データシートサーチシステム |
|
AM26LS32AI データシート(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32AI データシート(HTML) 11 Page - Texas Instruments |
|
11 / 35 page ![]() 10% 90% 10% 90% 0 3 V 10% 10% 90% 90% 1.3 V1.3 V 1.3 V 1.3 V 3 V 0 tPZL 1.3 V S1 Closed S2 Open S1 Closed S2 Closed VOL 0.5 V tPLZ Output Enable G Enable G ≤5 ns ≤5 ns ≈1.4 V A. CL includes probe and jig capacitance. B. All diodes are 1N3064 or equivalent. C. Enable G is tested with G high, G is tested with G low. Figure 7-4. Voltage Waveforms For tPLZ, tPZL 100 kΩ 100 kΩ 8.3 kΩ 85 Ω 20 kΩ 960 Ω 960 Ω Copyright © 2016, Texas Instruments Incorporated Figure 7-5. Schematics of Inputs and Outputs www.ti.com AM26LS32AC, AM26LS32AI, AM26LS32AM AM26LS33AC, AM26LS33AM SLLS115G – OCTOBER 1980 – REVISED AUGUST 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 11 Product Folder Links: AM26LS32AC AM26LS32AI AM26LS32AM AM26LS33AC AM26LS33AM |