データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA381BW データシート(PDF) 30 Page - STMicroelectronics

部品番号 STA381BW
部品情報  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW データシート(HTML) 30 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 26Page - STMicroelectronics STA381BW Datasheet HTML 27Page - STMicroelectronics STA381BW Datasheet HTML 28Page - STMicroelectronics STA381BW Datasheet HTML 29Page - STMicroelectronics STA381BW Datasheet HTML 30Page - STMicroelectronics STA381BW Datasheet HTML 31Page - STMicroelectronics STA381BW Datasheet HTML 32Page - STMicroelectronics STA381BW Datasheet HTML 33Page - STMicroelectronics STA381BW Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 174 page
background image
Device overview
STA381BW
30/174
DocID018835 Rev 8
2.0 output with B2DRC (Figure 8): the mixer and the eighth biquadratic filter are used to
divide the channel into two sub-bands, then each sub-band is independently processed
by a DRC block. The two bands are then re-composed and fed to the following
processing blocks. The crossover frequency is user-selectable. This configuration and
features ensure the backward compatibility with the previous Sound Terminal®
products. For further information please refer to Chapter 6.11.1: Dual-band DRC.
Figure 8. Processing path, second part: 2.0 output with B2DRC
2.1 output with STCompressorTM (Figure 9): the STA381BW embeds the latest, state-
of-the-art multi-band dynamic, range compressor, called STCompressorTM. When
using this configuration, up to 10 biquad filters are available for dedicated processing.
Please refer to Section 4.3: STCompressorTM for further information about this
feature.
Figure 9. Processing path, second part: 2.1 output configuration with
STCompressorTM
Crossover Frequency
Determined by XO Setting
(User Defined If
XO=0000)
C1Mx1
User-Defined
Mix Coefficients
+
B2DRC
Hi-pass XO
filter
DC Cut
Filter
C1Mx2
L
R
C2Mx1
+
B2DRC
Hi-pass XO
filter
C2Mx2
C3Mx1
+
C3Mx2
-
Channel 1
Volume
DRC 1
Channel 3
Volume
DRC 2
Post Scale
++
- +
DC Cut
Filter
Channel 3
Volume
DRC 2
Channel 2
Volume
DRC 1
Post Scale
+
Crossover Frequency
Determined by XO Setting
(User Defined If
XO=0000)
C1Mx1
User-Defined
Mix Coefficients
+
Channel ½
Biquad #8
--------------
Hi-pass XO
Filter
STCompressor
Volume
And
Limiter
DC Cut
Filter
Post Scale
C1Mx2
L
R
C2Mx1
+
Channel ½
Biquad #8
--------------
Hi-pass XO
Filter
STCompressor
Volume
And
Limiter
DC Cut
Filter
Post Scale
C2Mx2
C3Mx1
+
Channel 3
Biquad #8
--------------
Low-pass XO
filter
Volume
And
Limiter
DC Cut
Filter
Post Scale
C3Mx2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More