データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA381BW データシート(PDF) 32 Page - STMicroelectronics

部品番号 STA381BW
部品情報  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW データシート(HTML) 32 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 28Page - STMicroelectronics STA381BW Datasheet HTML 29Page - STMicroelectronics STA381BW Datasheet HTML 30Page - STMicroelectronics STA381BW Datasheet HTML 31Page - STMicroelectronics STA381BW Datasheet HTML 32Page - STMicroelectronics STA381BW Datasheet HTML 33Page - STMicroelectronics STA381BW Datasheet HTML 34Page - STMicroelectronics STA381BW Datasheet HTML 35Page - STMicroelectronics STA381BW Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 174 page
background image
Device overview
STA381BW
32/174
DocID018835 Rev 8
4.3.1
STC block diagram
Figure 10. STCompressorTM block diagram
The STC takes as input 2 channels and every channel is processed independently (i.e. an
independent DRC for each band of each channel) following the steps listed below
(Figure 10):
1.
Splits the input signal into 2 bands (band splitter)
2.
Measures the level of the signal (level meter)
3.
Computes the attenuation (mapper)
4.
Applies the attenuation and offset (attenuator)
The band splitter settings are common to both the processing channels while the settings of
the remaining blocks can be independently set for each band of each processing channel.
Caution:
All the settings explained hereafter apply only to the behavior of the STCompressorTM. For
the settings concerning other device operating configurations (see Chapter 4.1: Processing
data path) please refer to the appropriate paragraphs and registers.
4.3.2
Band splitter
The band splitter block is used to divide the signal into 2 sub-bands (typically low- and high-
frequency bands). This is done through two 2nd order biquads (IIR filters) for each band,
thus allowing to have up to a 4th order filter per band. This feature guarantees a totally flat
band recombination (see Figure 11). Using different filtering orders, indeed, causes a non-
negligible gain around the filter’s cutoff frequency, endangering the overall audio fidelity and,
eventually, also the safety of the speaker. The sub-band recombination can be enabled or
disabled.
Level
Meter
Map p er
Attenuator
Offs et
X
Level
Meter
Map p er
Attenuator
X
Offs et
+
Ban d
Sp litter
Ban d 0
(Lo w freq s)
Ban d 1
(Hig h freq s)
In p ut
Ch 0
Outp ut
Ch 0
DRC 0
DRC 1
Lev el
Meter
Map p er
Atten uato r
Offset
X
Lev el
Meter
Map p er
Atten uato r
X
Offset
+
Ban d
Sp litter
Ban d 0
(Lo w freq s )
Ban d 1
(Hig h freq s)
In p ut
Ch 1
Outp ut
Ch 1
DRC 2
DRC 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More