| データシートサーチシステム |
|
STA382BWSTR データシート(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BWSTR データシート(HTML) 88 Page - STMicroelectronics |
|
88 / 172 page ![]() Register description: New Map STA382BWS 88/172 Doc ID 022784 Rev 1 6.27 PLL configuration registers (address 0x52; 0x53; 0x54; 0x55; 0x56; 0x57) By default, the STA382BWS is able to configure the embedded PLL automatically depending on the MCS bits (reg 0x00). For certain applications and to provide flexibility to the user, a manual PLL configuration can be used (setting PLL_DIRP to ‘1’) The output PLL frequency formula is: where Fin is the input clock frequency from the pad. D7 D6 D5 D4 D3 D2 D1 D0 PLL_FRAC[15:8] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 PLL_FRAC[7:0] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 PLL_DITH[1:0] PLL_NDIV[5:0] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 PLL_DPD PLL_FCT PLL_STB PLL_STBBYP PLL_IDIV[3:0] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 Reserved Reserved PLL_DIRP PLL_PWD PLL_BYP OSC_PD Reserved BOOST32K 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 Reserved Reserved Reserved Reserved BYPSTATE PDSTATE OSCOK LOWCK NA NA NA NA NA NA NA NA Table 81. PLL factors PLL parameter Min Max FRAC 0 65535 IDIV 0 3 NDIV 5 55 Fin NDIV () IDIV 1 + () --------------------------- FRAC 65536 ----------------- ⎝⎠ ⎛⎞ + ⎝⎠ ⎛⎞ × Obsolete Product(s) - Obsolete Product(s) |