| データシートサーチシステム |
|
STA382BWSTR データシート(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BWSTR データシート(HTML) 100 Page - STMicroelectronics |
|
100 / 172 page ![]() Register description: New Map STA382BWS 100/172 Doc ID 022784 Rev 1 The charge pump can be synchronized with the PWM frame in order to minimize the crosstalk between the charge pump and the PWM waveform. This functionality cannot be activated when the PWMS bit (address 0x15 bit D4) is set to 1. 6.37 Coefficient RAM CRC protection (address 0x71-0x7D) D7 D6 D5 D4 D3 D2 D1 D0 BQCKE[7] BQCKE[6] BQCKE[5] BQCKE[4] BQCKE[3] BQCKE[2] BQCKE[1] BQCKE[0] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 BQCKE[15] BQCKE[14] BQCKE[13] BQCKE[12] BQCKE[11] BQCKE[10] BQCKE[9] BQCKE[8] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 BQCKE[23] BQCKE[22] BQCKE[21] BQCKE[20] BQCKE[19] BQCKE[18] BQCKE[17] BQCKE[16] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 XCCKE[7] XCCKE[6] XCCKE[5] XCCKE[4] XCCKE[3] XCCKE[2] XCCKE[1] XCCKE[0] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 XCCKE[15] XCCKE[14] XCCKE[13] XCCKE[12] XCCKE[11] XCCKE[10] XCCKE[9] XCCKE[8] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 XCCKE[23] XCCKE[22] XCCKE[21] XCCKE[20] XCCKE[19] XCCKE[18] XCCKE[17] XCCKE[16] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 BQCKR[7] BQCKR[6] BQCKR[5] BQCKR[4] BQCKR[3] BQCKR[2] BQCKR[1] BQCKR[0] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 BQCKR[15] BQCKR[14] BQCKR[13] BQCKR[12] BQCKR[11] BQCKR[10] BQCKR[9] BQCKR[8] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 BQCKR[23] BQCKR[22] BQCKR[21] BQCKR[20] BQCKR[19] BQCKR[18] BQCKR[17] BQCKR[16] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 XCCKR[23] XCCKR[22] XCCKR[21] XCCKR[20] XCCKR[19] XCCKR[18] XCCKR[17] XCCKR[16] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 XCCKR[23] XCCKR[22] XCCKR[21] XCCKR[20] XCCKR[19] XCCKR[18] XCCKR[17] XCCKR[16] 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 XCCKR[23] XCCKR[22] XCCKR[21] XCCKR[20] XCCKR[19] XCCKR[18] XCCKR[17] XCCKR[16] Obsolete Product(s) - Obsolete Product(s) |