データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7440D データシート(PDF) 9 Page - STMicroelectronics

部品番号 TDA7440D
部品情報  TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7440D データシート(HTML) 9 Page - STMicroelectronics

Back Button TDA7440D Datasheet HTML 5Page - STMicroelectronics TDA7440D Datasheet HTML 6Page - STMicroelectronics TDA7440D Datasheet HTML 7Page - STMicroelectronics TDA7440D Datasheet HTML 8Page - STMicroelectronics TDA7440D Datasheet HTML 9Page - STMicroelectronics TDA7440D Datasheet HTML 10Page - STMicroelectronics TDA7440D Datasheet HTML 11Page - STMicroelectronics TDA7440D Datasheet HTML 12Page - STMicroelectronics TDA7440D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
TDA7440
5.2 POWER ON RESET CONDITION
Table 6.
5.3 DATA BYTES
Address = 88 HEX (ADDR:OPEN).
Table 7. FUNCTION SELECTION: First byte (subaddress)
B = 1: INCREMENTAL BUS ACTIVE
B = 0: NO INCREMENTAL BUS
X = DON’T CARE
In Incremental Bus Mode, the "not used" function must be addressed in any case. For example to refresh
"Volume = 0dB" and Speaker_R = -40dB", the following bytes must be sent:
Table 8.
Table 9. INPUT SELECTION
INPUT SELECTION
IN2
INPUT GAIN
28dB
VOLUME
MUTE
BASS
0dB
TREBLE
2dB
SPEAKER
MUTE
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
B
0
0
0
0
INPUT SELECT
XX
XB
0
0
0
1
INPUT GAIN
XX
XB
0
0
1
0
VOLUME
XX
XB
0
0
1
1
BASS
XX
XB
0
1
0
0
NOT USED
XX
XB
0
1
0
1
TREBLE
X
X
X
B
0
1
1
0
SPEAKER ATTENUATE "R"
X
X
X
B
0
1
1
1
SPEAKER ATTENUATE "L"
SUBADDRESS
XXX10010
VOLUME DATA
X0000000
BUS DATA
XXXX1111
NOT USED DATA
XXXX1111
TREBLE DATA
XXXX1111
SPEAKER_R DATA
X0000010
MSB
LSB
INPUT MULTIPLEXER
D7
D6
D5
D4
D3
D2
D1
D0
XXXXXX
0
0
IN4
XXXXXX
0
1
IN3
XXXXXX
1
0
IN2
XXXXXX
1
1
IN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com