データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7440D データシート(PDF) 4 Page - STMicroelectronics

部品番号 TDA7440D
部品情報  TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7440D データシート(HTML) 4 Page - STMicroelectronics

  TDA7440D Datasheet HTML 1Page - STMicroelectronics TDA7440D Datasheet HTML 2Page - STMicroelectronics TDA7440D Datasheet HTML 3Page - STMicroelectronics TDA7440D Datasheet HTML 4Page - STMicroelectronics TDA7440D Datasheet HTML 5Page - STMicroelectronics TDA7440D Datasheet HTML 6Page - STMicroelectronics TDA7440D Datasheet HTML 7Page - STMicroelectronics TDA7440D Datasheet HTML 8Page - STMicroelectronics TDA7440D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TDA7440
4/17
Figure 4. Test Circuit
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.1
2.6
Vrms
RL
Output Load Resistance
2
K
Ω
RO
Output Impedance
10
30
50
Ω
VDC
DC Voltage Level
3.5
3.8
4.1
V
GENERAL
ENO
Output Noise
All gains = 0dB;
5
15
µV
BW = 20Hz to 20KHz flat
Et
Total Tracking Error
AV = 0 to -24dB
0
1
dB
AV = -24 to -47dB
0
2
dB
S/N
Signal to Noise Ratio
All gains 0dB; VO = 1Vrms
95
106
dB
SC
Channel Separation Left/Right
80
100
dB
dDistortion
AV = 0; VI = 1Vrms
0.01
0.08
%
BUS INPUT
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
VIN = 0.4V
-5
0
5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
0.8
V
Table 5. Electrical Characteristcs (continued)
Refer to the test circuit Tamb = 25°C, VS = 9V, RL = 10K
Ω, RG = 600Ω, all controls flat (G = 0dB), unless
otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
10
µF
5.6nF
100nF
100nF
5.6K
2.2
µF
5.6nF
2.2
µF
100nF
100nF
5.6K
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0/30dB
2dB STEP
MUXOUTL
INL
VOLUME
VOLUME
TREBLE
TREBLE
TREBLE(L)
MUXOUTR
INR
TREBLE(R)
BOUT(L)
SPKR ATT
LEFT
LOUT
SCL
SDA
DIG_GND
ROUT
D98AU885
I
2CBUS DECODER + LATCHES
100K
100K
100K
100K
G
L-IN1
L-IN2
L-IN3
L-IN4
100K
100K
100K
100K
R-IN1
R-IN2
R-IN3
R-IN4
G
INPUT MULTIPLEXER
+ GAIN
BASS
BIN(L)
BASS
SPKR ATT
RIGHT
BOUT(R)
BIN(R)
SUPPLY
CREF
AGND
VS
27
4
5
6
7
3
2
1
28
21
22
20
26
24
25
10
11
19
12
13
23
8
9
18
14
15
RB
RB
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com