データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7449 データシート(PDF) 5 Page - STMicroelectronics

部品番号 TDA7449
部品情報  Digital tone control audio processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 データシート(HTML) 5 Page - STMicroelectronics

  TDA7449 Datasheet HTML 1Page - STMicroelectronics TDA7449 Datasheet HTML 2Page - STMicroelectronics TDA7449 Datasheet HTML 3Page - STMicroelectronics TDA7449 Datasheet HTML 4Page - STMicroelectronics TDA7449 Datasheet HTML 5Page - STMicroelectronics TDA7449 Datasheet HTML 6Page - STMicroelectronics TDA7449 Datasheet HTML 7Page - STMicroelectronics TDA7449 Datasheet HTML 8Page - STMicroelectronics TDA7449 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID006317 Rev 5
5/21
TDA7449
Electrical characteristics and test circuit
21
Note:
1. The device is functionally good at Vs = 5 V. A step down on Vs to 4 V doesn’t reset the
device.
2. Bass and treble response: the center frequency and the response quality can be chosen
by the external circuitry.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Speaker attenuators
CRANGE
Control range
76
dB
SSTEP
Step resolution
0.5
1
1.5
dB
EA
Attenuation set error
AV = 0 to -20 dB
-1.5
0
1.5
dB
AV = -20 to -56 dB
-2
0
2
dB
VDC
DC Step
adjacent attenuation steps
0
3
mV
Amute
Mute attenuation
80
100
dB
Audio outputs
VCLIP
Clipping level
d = 0.3%
2.1
2.6
VRMS
RL
Output load resistance
2
k
RO
Output impedance
10
40
70
W
VDC
DC voltage level
3.8
V
General
ENO
Output noise
All gains = 0dB;
BW = 20Hz to 20KHz flat
515
μV
Et
Total tracking error
AV = 0 to -24dB
0
1
dB
AV = -24 to -47dB
0
2
dB
S/N
Signal-to-Noise ratio
All gains 0dB; VO = 1VRMS ;
106
dB
SC
Channel separation left/right
80
100
dB
d
Distortion
AV = 0; VI = 1VRMS ;
0.01
0.08
%
Bus input
VIL
Input low voltage
1
V
VIH
Input high voltage
3
V
IIN
Input current
VIN = 0.4 V
-5
5
μA
VO
Output voltage SDA
acknowledge
IO = 1.6 mA
0.4
0.8
V
Table 5. Electrical characteristics (refer to the test circuit Tamb = 25 °C, VS = 9 V,
RL= 10 k, RG = 600 , all controls flat (G = 0 dB), unless otherwise specified) (continued)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com