データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7449 データシート(PDF) 9 Page - STMicroelectronics

部品番号 TDA7449
部品情報  Digital tone control audio processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 データシート(HTML) 9 Page - STMicroelectronics

Back Button TDA7449 Datasheet HTML 5Page - STMicroelectronics TDA7449 Datasheet HTML 6Page - STMicroelectronics TDA7449 Datasheet HTML 7Page - STMicroelectronics TDA7449 Datasheet HTML 8Page - STMicroelectronics TDA7449 Datasheet HTML 9Page - STMicroelectronics TDA7449 Datasheet HTML 10Page - STMicroelectronics TDA7449 Datasheet HTML 11Page - STMicroelectronics TDA7449 Datasheet HTML 12Page - STMicroelectronics TDA7449 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID006317 Rev 5
9/21
TDA7449
I2C bus interface
21
4
I2C bus interface
Data transmission from the microprocessor to the TDA7449 and vice versa takes place
through the 2-wire I2C bus interface, consisting of the two lines SDA and SCL (pull-up
resistors to the positive supply voltage must be connected).
4.1
Data validity
As shown in Figure 10, the data on the SDA line must be stable during the high period of the
clock. The HIGH and LOW state of the data line can only change when the clock signal on
the SCL line is LOW.
4.2
Start and stop conditions
As shown in Figure 11, a start condition is a HIGH-to-LOW transition of the SDA line while
SCL is HIGH. The stop condition is a LOW-to-HIGH transition of the SDA line while SCL is
HIGH.
4.3
Byte format
Every byte transferred on the SDA line must contain 8 bits. Each byte must be followed by
an acknowledge bit. The MSB is transferred first.
4.4
Acknowledge
The master (μP) puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse (see Figure 12). The peripheral (audio processor) that acknowledges has to pull down
(LOW) the SDA line during this clock pulse.
The audio processor which has been addressed has to generate an acknowledge after the
reception of each byte, otherwise the SDA line remains at the HIGH level during the ninth
clock pulse time. In this case the master transmitter can generate the STOP information in
order to abort the transfer.
4.5
Transmission without acknowledge
Instead of detecting the acknowledge from the audio processor, the μP can use a simpler
transmission which is to simply wait one clock pulse without checking the slave
acknowledge and send the new data.
This is of course a riskier approach.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com