| データシートサーチシステム |
|
CC2640R2FYFVT.B データシート(PDF) 59 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2640R2FYFVT.B データシート(HTML) 59 Page - Texas Instruments |
|
59 / 74 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 2-Oct-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) CC2640R2FRHBR RHB VQFN 32 2500 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRHBR RHB VQFN 32 2500 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRHBR.A RHB VQFN 32 2500 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRHBR.A RHB VQFN 32 2500 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRHBR.B RHB VQFN 32 2500 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRHBR.B RHB VQFN 32 2500 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRHBT RHB VQFN 32 250 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRHBT RHB VQFN 32 250 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRHBT.A RHB VQFN 32 250 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRHBT.A RHB VQFN 32 250 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRHBT.B RHB VQFN 32 250 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRHBT.B RHB VQFN 32 250 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRSMR RSM VQFN 32 3000 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRSMR.A RSM VQFN 32 3000 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRSMR.B RSM VQFN 32 3000 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRSMT RSM VQFN 32 250 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 CC2640R2FRSMT RSM VQFN 32 250 14 x 35 150 315 135.9 7620 8.8 7.9 8.15 Pack Materials-Page 3 |