| データシートサーチシステム |
|
MB89R119B データシート(PDF) 38 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MB89R119B データシート(HTML) 38 Page - RAMXEED LIMITED |
|
38 / 46 page ![]() MB89R119B 38 DS411-00002-4v0-E 4. Command Execution Time 4-1. Write Multiple Blocks Command Execution Time The minimum time (processing in the Addressed mode) required to complete data writing to all user areas (232 bytes) of the FeRAM and verification with the Write Multiple Blocks command is estimated to be 249 ms. 4-2.Read Multiple Blocks Command Execution Time The minimum time (processing in the Addressed mode) required to complete data reading for all user areas (232 bytes) of the FeRAM with the Read Multiple Blocks command is estimated to be 76 ms. In addition, with the Fast Read Multiple Blocks command is estimated to be 41 ms. |