| データシートサーチシステム |
|
MB89R119B データシート(PDF) 39 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MB89R119B データシート(HTML) 39 Page - RAMXEED LIMITED |
|
39 / 46 page ![]() MB89R119B DS411-00002-4v0-E 39 STATE TRANSITION DIAGRAM Definition of states Each state of MB89R119B is defined as follows. • Power-off state : In the power-off state, a transponder cannot fulfill the function so that the voltage from a reader/writer is underpowered. • Ready state : In the ready state, the MB89R119B can execute all commands if the Select_flag is not set. • Quiet state : In the quiet state, the MB89R119B can execute the command for which the Inventory_flag is not set and the Address_flag is set. • Select state : In the select state, the MB89R119B can execute the command for which the Select_flag is set. As shown in figure below, the MB89R119B moves from one state to another according to the status of power and by a command. Power-off state Out of field Out of field Out of field In field Any other command where Select_flag is not set. Ready state Select command (UID) Reset to Ready command where Select_- flag is set or Select (different UID) . Reset to Ready command Stay Quiet command (UID) Quiet state Select state Stay Quiet command (UID) Select command (UID) Any other command where Select_flag is set. Any other command where Address_flag is set and where Inventory_flag is not set. State transition diagram |