| データシートサーチシステム |
|
L9680 データシート(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 データシート(HTML) 56 Page - STMicroelectronics |
|
56 / 286 page ![]() Table 6.Global SPI register map GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Safing Scrap Arming 0 0 0 0 0 0 0 0 $00 R FLTSR Global fault status register 0 0 0 0 0 0 0 1 $01 R/W SYS_CFG Power supply configuration(2) X X X X X 0 0 0 0 0 0 1 0 $02 R/W SYS_CTL Register for power management X X X X X 0 0 0 0 0 0 1 1 $03 W SPI_SLEEP Sleep Mode command X X X X X 0 0 0 0 0 1 0 0 $04 R SYS_STATE Read register to report in which state the power control state machine is and also in which operating state the device is 0 0 0 0 0 1 0 1 $05 R POWER_STATE Power state register (feedback on regulators' status and voltage thresholds) 0 0 0 0 0 1 1 0 $06 R/W DCR_0 Deployment configuration register X X X X 0 0 0 0 0 1 1 1 $07 R/W DCR_1 X X X X 0 0 0 0 1 0 0 0 $08 R/W DCR_2 X X X X 0 0 0 0 1 0 0 1 $09 R/W DCR_3 X X X X 0 0 0 0 1 0 1 0 $0A R/W DCR_4 X X X X 0 0 0 0 1 0 1 1 $0B R/W DCR_5 X X X X 0 0 0 0 1 1 0 0 $0C R/W DCR_6 X X X X 0 0 0 0 1 1 0 1 $0D R/W DCR_7 X X X X 0 0 0 0 1 1 1 0 $0E R/W DCR_8 X X X X 0 0 0 0 1 1 1 1 $0F R/W DCR_9 X X X X 0 0 0 1 0 0 0 0 $10 R/W DCR_A X X X X 0 0 0 1 0 0 0 1 $11 R/W DCR_B X X X X 0 0 0 1 0 0 1 0 $12 R/W DEPCOM Deployment command register X X 0 0 0 1 0 0 1 1 $13 R DSR_0 Deployment status register 0 0 0 1 0 1 0 0 $14 R DSR_1 0 0 0 1 0 1 0 1 $15 R DSR_2 |