データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9680 データシート(PDF) 125 Page - STMicroelectronics

部品番号 L9680
部品情報  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 データシート(HTML) 125 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 121Page - STMicroelectronics L9680 Datasheet HTML 122Page - STMicroelectronics L9680 Datasheet HTML 123Page - STMicroelectronics L9680 Datasheet HTML 124Page - STMicroelectronics L9680 Datasheet HTML 125Page - STMicroelectronics L9680 Datasheet HTML 126Page - STMicroelectronics L9680 Datasheet HTML 127Page - STMicroelectronics L9680 Datasheet HTML 128Page - STMicroelectronics L9680 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 286 page
background image
DS11615 Rev 7
125/286
L9680
SPI interfaces
285
RSPTEN
0
0
0 Pass Through mode Enable (only for PWM 2-edges sensors)
0 Off
1 On
AVG/SSDIS
0
0
0 WSx output pulses disabled in case of Standstill condition
(valid only for PWM Encoded 2 edges sensors)
0 WSx enabled during Standstill
1 WSx disabled during Standstill
STSx[3:0] 0000 0000 0000 Sensor Type Selection
0000 NA
0001 NA
0010 NA
0011 NA
0100 unused (default automatically selected)
0101 unused (default automatically selected)
0110 unused (default automatically selected)
0111 unused (default automatically selected)
1000 Two-Level, Standard
1001 Three-Level, VDA
1010 PWM Encoded, 2-Level, 2 edges/tooth
1011 PWM Encoded, 2-Level, 1 edge/tooth
1100 unused (default automatically selected)
1101 unused (default automatically selected)
1110 unused (default automatically selected)
1111 unused (default automatically selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More