データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9680 データシート(PDF) 267 Page - STMicroelectronics

部品番号 L9680
部品情報  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 データシート(HTML) 267 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 263Page - STMicroelectronics L9680 Datasheet HTML 264Page - STMicroelectronics L9680 Datasheet HTML 265Page - STMicroelectronics L9680 Datasheet HTML 266Page - STMicroelectronics L9680 Datasheet HTML 267Page - STMicroelectronics L9680 Datasheet HTML 268Page - STMicroelectronics L9680 Datasheet HTML 269Page - STMicroelectronics L9680 Datasheet HTML 270Page - STMicroelectronics L9680 Datasheet HTML 271Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 286 page
background image
DS11615 Rev 7
267/286
L9680
Electrical characteristics
285
48
T_s2_end_open
Slot 2 End valid
window,
opening time
Related to t0, Sensor Side, P8P-500-3L
231.6
-
264.9
μs
49
Related to t0, Sensor Side, P8P-500-3H
206
-
236.7
μs
50
Related to t0, Sensor Side, P8P-500-4H
168
-
194.9
μs
51
Related to t0, Sensor Side, P10P-500-3L 245.4
-
280.1
μs
52
Related to t0, Sensor Side, P10P-500-3H 215.5
-
246.7
μs
53
Related to t0, Sensor Side, P10P-500-4H 177.5
-
205
μs
54
T_s2_end_closure
Slot 2 End valid
window,
closure time
Related to t0, Sensor Side, P8P-500-3L
302.8
-
342.1
μs
55
Related to t0, Sensor Side, P8P-500-3H 271.6
-
308
μs
56
Related to t0, Sensor Side, P8P-500-4H 225.4
-
256.5
μs
57
Related to t0, Sensor Side, P10P-500-3L 319.6
-
360.5
μs
58
Related to t0, Sensor Side, P10P-500-3H 282.7
-
320
μs
59
Related to t0, Sensor Side, P10P-500-4H 236.5
-
269
μs
60
T_s3_end_open
Slot 3 End valid
window,
opening time
Related to t0, Sensor Side, P8P-500-3L
365.1
-
412.5
μs
61
Related to t0, Sensor Side, P8P-500-3H 339.4
-
384.3
μs
62
Related to t0, Sensor Side, P8P-500-4H 263.9
-
300.9
μs
63
Related to t0, Sensor Side, P10P-500-3L 378.9
-
427.7
μs
64
Related to t0, Sensor Side, P10P-500-3H 348.5
-
394.3
μs
65
Related to t0, Sensor Side, P10P-500-4H 273
-
311
μs
66
T_s3_end_closure
Slot 3 End valid
window,
closure time
Related to t0, Sensor Side, P8P-500-3L
465.9
-
522.7
μs
67
Related to t0, Sensor Side, P8P-500-3H 434.7
-
488
μs
68
Related to t0, Sensor Side, P8P-500-4H 342.5
-
386.1
μs
69
Related to t0, Sensor Side, P10P-500-3L 482.7
-
541.1
μs
70
Related to t0, Sensor Side, P10P-500-3H 445.9
-
500
μs
71
Related to t0, Sensor Side, P10P-500-4H 353.7
-
398.2
μs
72 TSYNC_DLY_SHORT
Sync Pulse Start
Delay
SYS_CFG(RSU_SYNCPULSE_SHIFT
_CONF)=0 Related to Start of Sync
Pulse on ch. N-1
-
-
μs
73 TSYNC_DLY_LONG
SYS_CFG(RSU_SYNCPULSE_SHIFT
_CONF)=1 Related to Start of Sync
Pulse on ch. N-1
-
-
μs
74
TFLT_OPEN_RSU
Open Detection
Deglitch Filter
Time
-
10
-
15
µs
75
TFLT_LKG_RSU
Leakage Deglitch
Filter Time
-
10
-
15
µs
Table 63. PSI-5 satellite transceiver - AC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
160
fosc
----------
288
fosc
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More