データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9680 データシート(PDF) 282 Page - STMicroelectronics

部品番号 L9680
部品情報  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 データシート(HTML) 282 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 278Page - STMicroelectronics L9680 Datasheet HTML 279Page - STMicroelectronics L9680 Datasheet HTML 280Page - STMicroelectronics L9680 Datasheet HTML 281Page - STMicroelectronics L9680 Datasheet HTML 282Page - STMicroelectronics L9680 Datasheet HTML 283Page - STMicroelectronics L9680 Datasheet HTML 284Page - STMicroelectronics L9680 Datasheet HTML 285Page - STMicroelectronics L9680 Datasheet HTML 286Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 282 / 286 page
background image
Package information
L9680
282/286
DS11615 Rev 7
Table 75. TQFP100 (14x14x1.4 mm exp. pad down) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.20
-
-
0.0472
A1
0.05
-
0.15
0.0020
-
0.0059
A2
0.95
1.00
1.05
0.0374
0.0394
0.0413
b
0.17
0.22
0.27
0.0067
0.0087
0.0106
c
0.09
-
0.20
0.0035
-
0.0079
D
15.80
16.00
16.20
0.6220
0.6299
0.6378
D1
13.80
14.00
14.20
0.5433
0.5512
0.5591
D2(2)
2. The size of exposed pad is variable depending of lead frame design pad size. End user should verify “D2”
and “E2” dimensions for each device application.
5.40
-
8.50
0.2126
-
0.3346
D3
-
12.00
-
-
0.4724
-
E
15.80
16.00
16.20
0.622
0.6299
0.6378
E1
13.80
14.00
14.20
0.5433
0.5512
0.5591
E2(2))
5.40
-
8.50
0.2126
-
0.3346
E3
-
12.00
-
-
0.4724
-
e
-
0.50
-
-
0.0197
-
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
-
1.00
-
-
0.0394
-
k
-
3.50
7.00
-
0.1378
0.2756
ccc
-
-
0.08
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More