データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9953 データシート(PDF) 36 Page - STMicroelectronics

部品番号 L9953
部品情報  Door actuator driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9953 データシート(HTML) 36 Page - STMicroelectronics

Back Button L9953_V01 Datasheet HTML 30Page - STMicroelectronics L9953_V01 Datasheet HTML 31Page - STMicroelectronics L9953_V01 Datasheet HTML 32Page - STMicroelectronics L9953_V01 Datasheet HTML 33Page - STMicroelectronics L9953_V01 Datasheet HTML 34Page - STMicroelectronics L9953_V01 Datasheet HTML 35Page - STMicroelectronics L9953_V01 Datasheet HTML 36Page - STMicroelectronics L9953_V01 Datasheet HTML 37Page - STMicroelectronics L9953_V01 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Package and packing information
L9953 / L9953XP
36/38
Doc ID 14278 Rev 4
6.5
PowerSSO-36™ packing information
Figure 15.
PowerSSO-36™ tube shipment (no suffix)
Figure 16.
PowerSSO-36™ tape and reel shipment (suffix “TR”)
All dimensions are in mm.
Base Qty
49
Bulk Qty
1225
Tube length (±0.5)
532
A
3.5
B
13.8
C (±0.1)
0.6
A
C
B
Base Qty
1000
Bulk Qty
1000
A (max)
330
B (min)
1.5
C (±0.2)
13
F
20.2
G (+2 / -0)
24.4
N (min)
100
T (max)
30.4
Reel dimensions
Tape dimensions
According to Electronic Industries Association
(EIA) Standard 481 rev. A, Feb. 1986
All dimensions are in mm.
Tape width
W
24
Tape Hole Spacing
P0 (±0.1)
4
Component Spacing
P
12
Hole Diameter
D (±0.05)
1.55
Hole Diameter
D1 (min)
1.5
Hole Position
F (±0.1)
11.5
Compartment Depth
K (max)
2.85
Hole Spacing
P1 (±0.1)
2
Top
cover
tape
End
Start
No components
No components Components
500mm min
500mm min
Empty components pockets
sealed with cover tape.
User direction of feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38