データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA339BW データシート(PDF) 40 Page - STMicroelectronics

部品番号 STA339BW
部品情報  2.1-channel high-efficiency digital audio system
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BW データシート(HTML) 40 Page - STMicroelectronics

Back Button STA339BW Datasheet HTML 36Page - STMicroelectronics STA339BW Datasheet HTML 37Page - STMicroelectronics STA339BW Datasheet HTML 38Page - STMicroelectronics STA339BW Datasheet HTML 39Page - STMicroelectronics STA339BW Datasheet HTML 40Page - STMicroelectronics STA339BW Datasheet HTML 41Page - STMicroelectronics STA339BW Datasheet HTML 42Page - STMicroelectronics STA339BW Datasheet HTML 43Page - STMicroelectronics STA339BW Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
Register description
STA339BW
40/78
DocID15251 Rev 8
Note:
To the left of the arrow is the processing channel. When using channel output mapping, any
of the three processing channel outputs can be used for any of the three inputs.
Figure 12. OCFG = 00 (default value)
Figure 13. OCFG = 01
Figure 14. OCFG = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78