データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VN750 データシート(PDF) 33 Page - STMicroelectronics

部品番号 VN750
部品情報  High-side driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750 データシート(HTML) 33 Page - STMicroelectronics

Back Button VN750 Datasheet HTML 29Page - STMicroelectronics VN750 Datasheet HTML 30Page - STMicroelectronics VN750 Datasheet HTML 31Page - STMicroelectronics VN750 Datasheet HTML 32Page - STMicroelectronics VN750 Datasheet HTML 33Page - STMicroelectronics VN750 Datasheet HTML 34Page - STMicroelectronics VN750 Datasheet HTML 35Page - STMicroelectronics VN750 Datasheet HTML 36Page - STMicroelectronics VN750 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
VN750
Package and packing information
Doc ID 6942 Rev. 4
33/46
Table 19.
SO-8 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.75
a1
0.1
0.25
a2
1.65
a3
0.65
0.85
b0.35
0.48
b1
0.19
0.25
C
0.25
0.5
c1
45 (typ.)
D4.8
5
E5.8
6.2
e1.27
e3
3.81
F3.8
4
L
0.4
1.27
M
0.6
S
8 (max.)
L1
0.8
1.2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46