データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VN750 データシート(PDF) 37 Page - STMicroelectronics

部品番号 VN750
部品情報  High-side driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750 データシート(HTML) 37 Page - STMicroelectronics

Back Button VN750 Datasheet HTML 33Page - STMicroelectronics VN750 Datasheet HTML 34Page - STMicroelectronics VN750 Datasheet HTML 35Page - STMicroelectronics VN750 Datasheet HTML 36Page - STMicroelectronics VN750 Datasheet HTML 37Page - STMicroelectronics VN750 Datasheet HTML 38Page - STMicroelectronics VN750 Datasheet HTML 39Page - STMicroelectronics VN750 Datasheet HTML 40Page - STMicroelectronics VN750 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
VN750
Package and packing information
Doc ID 6942 Rev. 4
37/46
Table 21.
P2PAK mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.30
4.80
A1
2.40
2.80
A2
0.03
0.23
b0.80
1.05
c0.45
0.60
c2
1.17
1.37
D8.95
9.35
D2
8.00
E
10.00
10.40
E1
8.50
e3.20
3.60
e1
6.60
7.00
L
13.70
14.50
L2
1.25
1.40
L3
0.90
1.70
L5
1.55
2.40
R0.40
V2
0º
8º
Package weight
1.40 Gr (typ)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46