データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L4925 データシート(PDF) 6 Page - STMicroelectronics

部品番号 L4925
部品情報  Very low drop voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4925 データシート(HTML) 6 Page - STMicroelectronics

Back Button L4925_V01 Datasheet HTML 2Page - STMicroelectronics L4925_V01 Datasheet HTML 3Page - STMicroelectronics L4925_V01 Datasheet HTML 4Page - STMicroelectronics L4925_V01 Datasheet HTML 5Page - STMicroelectronics L4925_V01 Datasheet HTML 6Page - STMicroelectronics L4925_V01 Datasheet HTML 7Page - STMicroelectronics L4925_V01 Datasheet HTML 8Page - STMicroelectronics L4925_V01 Datasheet HTML 9Page - STMicroelectronics L4925_V01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical specifications
L4925
6/14
Doc ID 1770 Rev 8
2
Electrical specifications
2.1
Absolute maximum ratings
Note:
The circuit is ESD protected according to MIL-STD-883C. According to ISO/DIS 7637 the
transients must be clamped with external circuitry (see Application Circuit).
2.2
Electrical characteristics
VS =14 V; Tj = –40 to 125 °C unless otherwise specified.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VSDC
DC operating supply voltage
28
V
VSTR
Transient supply voltage (t < 1s)
40
V
IO
Output current
internally limited
VO
Output voltage
20
V
VRES
Output voltage
20
V
IRES
Output current
5
mA
Tstg
Storage temperature
-55 to 150
C
Tj
Operating junction temperature
-40 to 150
C
Tj-SD
Thermal shutdown-junction temperature
165
C
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VO
Output voltage
VI = 6 to 28 V; IO = 1 to 500 mA
4.90
5
5.10
V
VO
Output voltage
VI = 35 V; T < 1 s;
IO = 1 to 500 mA
5.50
V
VDP
Dropout voltage
IO = 100 mA
0.2
0.3
V
IO = 500 mA
0.3
0.6
V
VIO
Input to output voltage
difference in undervoltage
condition
VI = 4 V; IO = 100 mA
0.5
V
VOL
Line regulation
VI = 6 to 28 V; IO = 1 to 1 mA
10
mV
VOLO
Load regulation
IO = 1 to 500 mA
50
mV
ILIM
Current limit
VO = 4.5 V;
550
1000
1500
mA
VO = 0; Foldback characteristic
250
mA
IQSE
Quiescent current
IO = 0.3 mA
190
360
µA
IQ
Quiescent current
IO = 500 mA
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com