データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L4925 データシート(PDF) 9 Page - STMicroelectronics

部品番号 L4925
部品情報  Very low drop voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4925 データシート(HTML) 9 Page - STMicroelectronics

Back Button L4925_V01 Datasheet HTML 5Page - STMicroelectronics L4925_V01 Datasheet HTML 6Page - STMicroelectronics L4925_V01 Datasheet HTML 7Page - STMicroelectronics L4925_V01 Datasheet HTML 8Page - STMicroelectronics L4925_V01 Datasheet HTML 9Page - STMicroelectronics L4925_V01 Datasheet HTML 10Page - STMicroelectronics L4925_V01 Datasheet HTML 11Page - STMicroelectronics L4925_V01 Datasheet HTML 12Page - STMicroelectronics L4925_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
L4925
Functional description
Doc ID 1770 Rev 8
9/14
Figure 4.
Output voltage vs input voltage
Figure 5.
Quiescent current vs supply voltage
3.2
Reset circuit
The block circuit diagram of the reset circuit is shown in Figure 6. The reset circuit
supervises the output voltage. The reset threshold of 4.5 V is defined with the internal
reference voltage and standby output divider. The reset pulse delay time tRD, is defined with
the charge time of an external capacitor CT:
The reaction time of the reset circuit originates from the discharge time limitation of the reset
capacitor CT and it is proportional to the value of CT. The reaction time of the reset circuit
increases the noise immunity. Standby output voltage drops below the reset threshold only a
bit longer than the reaction time results in a shorter reset delay time.
The nominal reset delay time is generated for standby output voltage drops longer than
approximately 50 ms. The typical reset output waveforms are shown in Figure 7.
t
RD
C
T 2V
2
A
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com