データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9305 データシート(PDF) 83 Page - STMicroelectronics

部品番号 L9305
部品情報  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 データシート(HTML) 83 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 79Page - STMicroelectronics L9305 Datasheet HTML 80Page - STMicroelectronics L9305 Datasheet HTML 81Page - STMicroelectronics L9305 Datasheet HTML 82Page - STMicroelectronics L9305 Datasheet HTML 83Page - STMicroelectronics L9305 Datasheet HTML 84Page - STMicroelectronics L9305 Datasheet HTML 85Page - STMicroelectronics L9305 Datasheet HTML 86Page - STMicroelectronics L9305 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 107 page
background image
INTGLIM
Integrator limit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RW
R
RW
RW
Address:
Channel_X_BaseAddress + 0x0A
Type:
RW
Reset:
0x0000
Description:
--
[15:14] INT_OUT_SEL:
00: Integrator Low Threshold
01: Integrator High Threshold
10: Integrator Min Level
11: Integrator Max Level
[13:8] Unused
[7:4] NEGINTLIM
[3:0] POSINTLIM
AVGCUR
Average current
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Address:
Channel_X_BaseAddress + 0x0B
Type:
R
Reset:
0x0000
Description:
Stores Average Current Code in 1 PWM period
[15:14] Unused
[13:0] AVGCUR: Average current code (signed) in 1 PWM period
L9305
SPI
DS12774 - Rev 10
page 83/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More