データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9305 データシート(PDF) 92 Page - STMicroelectronics

部品番号 L9305
部品情報  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 データシート(HTML) 92 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 88Page - STMicroelectronics L9305 Datasheet HTML 89Page - STMicroelectronics L9305 Datasheet HTML 90Page - STMicroelectronics L9305 Datasheet HTML 91Page - STMicroelectronics L9305 Datasheet HTML 92Page - STMicroelectronics L9305 Datasheet HTML 93Page - STMicroelectronics L9305 Datasheet HTML 94Page - STMicroelectronics L9305 Datasheet HTML 95Page - STMicroelectronics L9305 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
TQFP48 (7x7x1 mm exp. pad down 5.0x5.0) package information
Figure 28. TQFP48 (7x7x1 mm exp. pad down 5.0x5.0) package outline
θ
θ2
θ3
θ1
BOTTOM VIEW
SECTION A-A
NOT TO SCALE
NOT TO SCALE
SECTION B-B
TOP VIEW
GADG3001181123PS
L9305
Package information
DS12774 - Rev 10
page 92/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More