データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9663 データシート(PDF) 101 Page - STMicroelectronics

部品番号 L9663
部品情報  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 データシート(HTML) 101 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 97Page - STMicroelectronics L9663 Datasheet HTML 98Page - STMicroelectronics L9663 Datasheet HTML 99Page - STMicroelectronics L9663 Datasheet HTML 100Page - STMicroelectronics L9663 Datasheet HTML 101Page - STMicroelectronics L9663 Datasheet HTML 102Page - STMicroelectronics L9663 Datasheet HTML 103Page - STMicroelectronics L9663 Datasheet HTML 104Page - STMicroelectronics L9663 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 106 page
background image
DS11401 Rev 6
101/106
L9663
Package information
105
Table 28. TQFP32 (7x7x1.0 mm exp. pad down) package mechanical data
Ref
Dimensions (mm)
Min.
Typ.
Max.
A-
-
1.2
A1
0.05
-
0.15
A2
0.95
1
1.05
b
0.3
0.37
0.45
c0.09
-
0.2
D8.8
9
9.2
D1
6.8
7
7.2
D2
2
-
-
D3
-
5.6
-
E8.8
9
9.2
E1
6.8
7
7.2
E2
2
-
-
E3
-
5.6
-
e-
0.8
-
L
0.45
0.6
0.75
L1
-
1
-
k-
3.5
7
ccc
-
-
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More