データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9663 データシート(PDF) 102 Page - STMicroelectronics

部品番号 L9663
部品情報  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 データシート(HTML) 102 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 98Page - STMicroelectronics L9663 Datasheet HTML 99Page - STMicroelectronics L9663 Datasheet HTML 100Page - STMicroelectronics L9663 Datasheet HTML 101Page - STMicroelectronics L9663 Datasheet HTML 102Page - STMicroelectronics L9663 Datasheet HTML 103Page - STMicroelectronics L9663 Datasheet HTML 104Page - STMicroelectronics L9663 Datasheet HTML 105Page - STMicroelectronics L9663 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 106 page
background image
Package information
L9663
102/106
DS11401 Rev 6
8.2
VFQFPN-28 (5x5x1.0 mm) package information
Figure 33. VFQFPN-28 (5x5x1.0 mm) package outline
Table 29. VFQFPN-28 (5x5x1.0 mm) package mechanical data
Ref
Dimensions (mm)
Min.
Typ.
Max.
A0.80
-
1.00
A1
-
0.02
0.05
A2
-
0.65
0.75
A3
-
0.20
-
b
0.18
0.25
0.3
D
5.00 (BSC)
D1
4.75 (BSC)
D2
3.1 (BSC)
e
0.5 (BSC)
E
5.00 (BSC)
E1
4.75 (BSC)
E2
3.1 (BSC)
P-
-
0.60
GAPG3010150845PS
8432548_Rev3.0_A0VC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More