| データシートサーチシステム |
|
CLP270M データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
CLP270M データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 24 page ![]() CLP270M 8/24 The figure 9 shows two different curves : s The lower one indicates the maximum guaranted working limits of the CLP270M. Surge Minimum peak voltage (volts) Minimum peak current per conductor (Amps) Maximum rise / Minimum decay time for voltage and current ( µs) Repetitions, each polarity Test connections per table 4.1 1 +/- 5000 500 2/10 1 B Table 2: Second level lightning surge. s The upper curve shows the limit above which the CLP270M is completely destructed . In this case, the Fail Diagnostic pin is on. 3. CLP270M TEST RESULTS ACCORDING TO BELLCORE 1089 REQUIREMENTS. Surge Minimum peak voltage (volts) Minimum peak current per conductor (Amps) Maximum rise / Minimum decay time for voltage and current ( µs) Repetitions, each polarity Test connections per table 4.1 1 +/- 600 100 10/1000 25 A 2 +/- 1000 100 10/360 25 A 3 +/- 1000 100 10/1000 25 A 4 +/- 2500 500 2/10 10 B 5 +/- 1000 25 10/360 5 B Table 1: First level lightning surge. |