| データシートサーチシステム |
|
CLP270M データシート(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
CLP270M データシート(HTML) 10 Page - STMicroelectronics |
|
10 / 24 page ![]() CLP270M 10/24 Test Two-wire interface Four-wire interface A 1. Tip to generator, Ring to ground 2. Ring to generator, Tip to ground 3. Tip to generator, Ring to generator simultaneously 1. Each lead (T, R, T1, R1) to generator with other three leads grounded 2. Tip and Ring to generator simultaneously, T1 and R1 to ground 3. T1 and R1 to generator simultaneously, Tip and Ring to ground B Tip to generator, Ring to generator simultaneously T, R, T1, R1 to generator simultaneously Table 5: Test connection (table 4-1 of GR-1089-CORE). Test Voltage Source Limiting resistance (IF specified) S1 S3 S2 S4 Switch unit under test T E R M T E R M Test S1 S2 S3 S4 T to generator, R to ground (condition A1 of table 4-1) Closed Open Open Closed R to generator, T to ground (condition A2 of table 4-1) Open Closed Closed Open T to generator, R to generator simultaneously (condition A3 of table 4-1) Closed Open Closed Open Table 6: Application of lightning and AC power fault test voltages (table 4-2 of GR-1089-CORE). 3.1. BELLCORE GR-1089-CORE requirements: Tables 1 and 2 summarize the lighting surges required by the bellcore 1089. |