データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908TR データシート(PDF) 56 Page - STMicroelectronics

部品番号 L9908TR
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR データシート(HTML) 56 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 52Page - STMicroelectronics L9908TR Datasheet HTML 53Page - STMicroelectronics L9908TR Datasheet HTML 54Page - STMicroelectronics L9908TR Datasheet HTML 55Page - STMicroelectronics L9908TR Datasheet HTML 56Page - STMicroelectronics L9908TR Datasheet HTML 57Page - STMicroelectronics L9908TR Datasheet HTML 58Page - STMicroelectronics L9908TR Datasheet HTML 59Page - STMicroelectronics L9908TR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 152 page
background image
Figure 30. BT1 behavior timing diagram
Where:
1. BT1_DIS = ‘1’
BT1 is disabled and the direct connection from VPRE to CBS_n is opened, the current flow is prevented.
2. CBS_n – VPRE ≥ BT_lim1_ov_ltoh_th
BT1 is enabled and CBS_n voltage is lower than the overvoltage threshold. A direct connection from VPRE to
CBS_n is established and the current flow is controlled according to the current limiting feature:
As long as VPRE-CBS_n drop voltage is higher than the saturation mode threshold (~1.3 V) the current
sourced is almost constant and equal to BT_lim1_curr;
When the VPRE-CBS_n drop voltage falls below the saturation threshold the output stage enters the
linear operation and its behavior is assimilable to a resistance with value BT1_lim_res.
If the CBS_n voltage increases the BT1_lim_res increase until the BT_lim1_sat_drop is reached and the
sourced current falls to 0 mA.
3. CBS_n – VPRE ≥ BT_lim1_ov_htol_th
BT1 is enabled and CBS_n voltage is higher than the overvoltage threshold. An overvoltage is detected and
the connection from CBS_n to VPRE is opened to prevent the reverse current flow.
Table 53. Bootstrap limiter 1 electrical characteristics
Symbol
Parameter
Test condition
Min Typ Max Unit
Notes
BT_lim1_res
BT charge limiter1 limitation resistance
VPRE-CBS_n ≤ 1.3 V 90 120 150
Ω
Linear mode
[n = 1,2,3](1)
BT_lim1_curr
BT charge limiter1 limitation current
CBS_n = 0 V
79
118 160
mA
Generator mode
[n = 1,2,3]
L9908
Functional description
DS13546 - Rev 5
page 56/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com