データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908TR データシート(PDF) 67 Page - STMicroelectronics

部品番号 L9908TR
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR データシート(HTML) 67 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 63Page - STMicroelectronics L9908TR Datasheet HTML 64Page - STMicroelectronics L9908TR Datasheet HTML 65Page - STMicroelectronics L9908TR Datasheet HTML 66Page - STMicroelectronics L9908TR Datasheet HTML 67Page - STMicroelectronics L9908TR Datasheet HTML 68Page - STMicroelectronics L9908TR Datasheet HTML 69Page - STMicroelectronics L9908TR Datasheet HTML 70Page - STMicroelectronics L9908TR Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 152 page
background image
Figure 40. Dead Time Protection functional operation
The T_dead_flt configuration can be set by the dedicated SPI signal DTP_CFG within the register GEN_CFG1 as
follows:
Table 61. Dead Time Protection configuration bits
DTP_CFG2
DTP_CFG1
DTP_CFG0
Description
0
0
0
0us – DTP Disabled
0
0
1
0.25 μs
0
1
0
0.35 μs
0
1
1
0.5 μs
1
0
0
1 μs – Default
1
0
1
1.5 μs
1
1
0
2 μs
1
1
1
4 μs
Table 62. Dead Time Protection accuracy
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
DTP_tflt_acc
Dead Time Filter accuracy
CLK_SSM_EN = 0
-15
15
%
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
5.12.3
Shoot-Through Protection (STP)
Independently of the activation of DTP, L9908 implements a monitoring unit to detect the dangerous condition
when HS and LS of the same half bridge are driven on at the same time. The diagnosis is performed at two
levels: on the devices PWM inputs from uC (INHn/INLn) and on the Ext. FET Vgs; this allows a diagnosis
coverage both on external and internal shoot-through faults.
The first diagnosis level consists in a dedicated digital counter for each half bridge PWM inputs (INHn/INLn
couple) set/reset by the logic AND between INHn and INLn and integrates the time interval where the INHn and
the INLn are high together.
If INHn=INLn=’1’ occurs for an interval longer than T_stp_pwm_flt the flag STP_PWM_n is set. The error flag
remains set until the failure condition is removed and the flag is cleared by the SPI command.
L9908
Functional description
DS13546 - Rev 5
page 67/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com