データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908TR データシート(PDF) 127 Page - STMicroelectronics

部品番号 L9908TR
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR データシート(HTML) 127 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 123Page - STMicroelectronics L9908TR Datasheet HTML 124Page - STMicroelectronics L9908TR Datasheet HTML 125Page - STMicroelectronics L9908TR Datasheet HTML 126Page - STMicroelectronics L9908TR Datasheet HTML 127Page - STMicroelectronics L9908TR Datasheet HTML 128Page - STMicroelectronics L9908TR Datasheet HTML 129Page - STMicroelectronics L9908TR Datasheet HTML 130Page - STMicroelectronics L9908TR Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 152 page
background image
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
NSR
LS3_OFD
RO
5
1
0x0
A
HS3_OFD
RO
4
1
0x0
A
UNUSED_1
CR
3
1
0x0
A
STP_VGS_3
CR
2
1
0x0
A
STP_PWM_3
CR
1
1
0x0
A
UNUSED_0
RO
0
1
0x0
A
Table 137. CH3_STATUS2
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
CH3_STATUS2
0x31
UNUSED_0
RO
15
1
0x0
A
NSR
CM3_READ
RO
0
15
0x0
A
Table 138. CH3_CFG1
Register
name
Address
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset
CH3_CFG1
0x32
UNUSED_1
RW
11
5
0x0
B
SLR
OFD3_EN
00: Off State diagnosis disabled (Default)
01: Pull-up current enabled, Pull-down current disabled
10: Pull-down current enabled, Pull-up current disabled
11: Off State diagnosis disabled
RW
9
2
0x0
B
OND3_DIS
0: ON State diagnosis enabled on HS and LS (Default)
1: ON State diagnosis disabled on HS and LS
RW
8
1
0x0
B
LS3_STB_REDIRECT_CFG
0: Fault redirected on FS_FLAG/IC ERR (Default)
1: Fault redirection masked
RW
7
1
0x0
B
HS3_STG_REDIRECT_CFG
0: Fault redirected on FS_FLAG/IC ERR (Default)
1: Fault redirection masked
RW
6
1
0x0
B
UNUSED_0
RO
15
1
0x0
A
STP_VGS_3_REDIRECT_CFG
0: Fault redirected on FS_FLAG/IC ERR (Default)
1: Fault redirection masked
RW
4
1
0x0
B
STP3_VGS_CFG
00: 0.2 μs (Defaults)
01: 0.5 μs
10: 1 μs
11: 1.5 μs
RW
2
2
0x0
B
STP3_PWM_CFG
00: 0.2 μs (Defaults)
01: 0.5 μs
10: 1 μs
RW
0
2
0x0
B
L9908
Functional description
DS13546 - Rev 5
page 127/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More