データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908TR データシート(PDF) 139 Page - STMicroelectronics

部品番号 L9908TR
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR データシート(HTML) 139 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 135Page - STMicroelectronics L9908TR Datasheet HTML 136Page - STMicroelectronics L9908TR Datasheet HTML 137Page - STMicroelectronics L9908TR Datasheet HTML 138Page - STMicroelectronics L9908TR Datasheet HTML 139Page - STMicroelectronics L9908TR Datasheet HTML 140Page - STMicroelectronics L9908TR Datasheet HTML 141Page - STMicroelectronics L9908TR Datasheet HTML 142Page - STMicroelectronics L9908TR Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 152 page
background image
7
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
TQFP48 (7x7x1 mm exp. pad down) package information
Figure 92. TQFP48 (7x7x1 mm exp. pad down) package outline
θ
θ2
θ3
θ1
L9908
Package information
DS13546 - Rev 5
page 139/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More