データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 115 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 115 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 111Page - STMicroelectronics L9908 Datasheet HTML 112Page - STMicroelectronics L9908 Datasheet HTML 113Page - STMicroelectronics L9908 Datasheet HTML 114Page - STMicroelectronics L9908 Datasheet HTML 115Page - STMicroelectronics L9908 Datasheet HTML 116Page - STMicroelectronics L9908 Datasheet HTML 117Page - STMicroelectronics L9908 Datasheet HTML 118Page - STMicroelectronics L9908 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 152 page
background image
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
NSR
NVM_CRC_FAIL
RO
12
1
0x0
A
VDD_OV
CR
11
1
0x0
A
SELF_TEST_STATUS
RO
9
2
0x0
D
SR_CRC_FAIL
CR
8
1
0x0
A
CLK2_ERR
CR
7
1
0x0
A
UNUSED_0
RO
6
1
0x0
A
CLK1_ERR
CR
5
1
0x0
A
CLK2_TIMEOUT
CR
4
1
0x0
A
CLK1_TIMEOUT
CR
3
1
0x0
D
SAFE_STATE
RO
2
1
0x1
A
CFG_RST
CR
1
1
0x1
B
INT_RST
CR
0
1
0x1
A
Table 111. GEN_STATUS2
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
GEN_STATUS2
0x7
INL3_ECHO
RO
15
1
0x0
A
NSR
INL2_ECHO
RO
14
1
0x0
A
INL1_ECHO
RO
13
1
0x0
A
INH3_ECHO
RO
12
1
0x0
A
INH2_ECHO
RO
11
1
0x0
A
INH1_ECHO
RO
10
1
0x0
A
NDIS_ECHO
RO
9
1
0x1
A
EN_BR_ECHO
RO
8
1
0x0
A
VBP_OV
CR
7
1
0x0
A
VBP_UV
CR
6
1
0x0
A
VDH_OV
CR
5
1
0x0
A
VDH_UV
CR
4
1
0x0
A
VCP_OV
CR
3
1
0x0
A
VCP_UV
CR
2
1
0x0
A
VPRE_OV
CR
1
1
0x0
A
VPRE_UV
CR
0
1
0x0
A
Table 112. GEN_STATUS3
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
GEN_STATUS3
0x8
UNUSED_4
RO
15
1
0x0
A
NSR
UNUSED_3
RO
14
1
0x0
A
CP2_EN_ECHO
RO
13
1
0x1
A
CP1_EN_ECHO
RO
12
1
0x1
A
HB3_EN_ECHO
RO
11
1
0x1
A
HB2_EN_ECHO
RO
10
1
0x1
A
HB1_EN_ECHO
RO
9
1
0x1
A
L9908
Functional description
DS13546 - Rev 5
page 115/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More