データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 19 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 19 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 15Page - STMicroelectronics L9908 Datasheet HTML 16Page - STMicroelectronics L9908 Datasheet HTML 17Page - STMicroelectronics L9908 Datasheet HTML 18Page - STMicroelectronics L9908 Datasheet HTML 19Page - STMicroelectronics L9908 Datasheet HTML 20Page - STMicroelectronics L9908 Datasheet HTML 21Page - STMicroelectronics L9908 Datasheet HTML 22Page - STMicroelectronics L9908 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 152 page
background image
4.2
Safe state activation
Depending on the safe state its activation is performed through one between two separate paths.
Figure 6. Safe states activation paths
Logic activation path: safe state activation is carried out entirely by the main logic.
This path is used to develop:
•
SAFE HIZ (except if determined by CLK1_TIME_OUT)
•
SAFE DIS
•
SAFE OFF
Damage protected activation path: in case of device failure where internal main logic integrity is compromised
L9908 implements an isolated Safe Switch Off structure which allows to activate an isolated Safe Switch Off
structure which can be activated through a separated path.
This path is used to develop:
•
SAFE OFF (only if determined by NDIS = 0)
•
CLK1_TIME_OUT
The Safe State activation through the damage protected path is signaled by setting the dedicated SPI read only
bit SAFE_STATE (GEN_STATUS1[2]).
L9908
Functional safety
DS13546 - Rev 5
page 19/152