データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9963E データシート(PDF) 154 Page - STMicroelectronics

部品番号 L9963E
部品情報  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E データシート(HTML) 154 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 150Page - STMicroelectronics L9963E Datasheet HTML 151Page - STMicroelectronics L9963E Datasheet HTML 152Page - STMicroelectronics L9963E Datasheet HTML 153Page - STMicroelectronics L9963E Datasheet HTML 154Page - STMicroelectronics L9963E Datasheet HTML 155Page - STMicroelectronics L9963E Datasheet HTML 156Page - STMicroelectronics L9963E Datasheet HTML 157Page - STMicroelectronics L9963E Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 184 page
background image
Figure 48. How to connect cell modules and busbar
L9963E
VBAT
GNDREF
CGND
DGND
AGND
ISENSEp
ISENSEm
RSENSE
S2
B2_1
C1
S1
C0
RLPF
RLPF
RDIS
RDIS
CLPF
CLPF
CESD
CESD
CELL1
CELL2
C14
S4
B4_3
C3
S3
C2
RLPF
RLPF
RDIS
RDIS
CLPF
CLPF
CESD
CESD
CELL3
CELL4
S6
B6_5
C5
S5
C4
RLPF
RLPF
RDIS
RDIS
CLPF
CLPF
CESD
CESD
BUSBAR
CELL6
S8
B8_7
C7
S7
C6
RLPF
RLPF
RDIS
RDIS
CLPF
CLPF
CESD
CESD
CELL7
CELL8
S10
B10_9
C9
S9
C8
RLPF
RLPF
RDIS
RDIS
CLPF
CLPF
CESD
CESD
CELL9
BUSBAR
S12
B12_11
C11
S11
C10
RLPF
RLPF
RDIS
RDIS
CLPF
CLPF
CESD
CESD
CELL11
CELL12
S14
B14_13
C13
S13
C12
RLPF
RLPF
RDIS
RDIS
CLPF
CLPF
CESD
CESD
CELL13
CELL14
RLPF
CESD
FR_BAT
BATT_MINUS
BATT_PLUS
CISENSE_1
GND
CBAT_1
CVCOM
CVANA
RFAULTL
RBAT_DOWN
RFAULT_DOWN
FAULT_DOWN
BAT_DOWN
COPT
BATT_UP
CFLTH
DZ_FLT
RFLT_PD
FAULT_UP
ISOLp_UP ISOLm_UP
ISOHp_DOWN ISOHm_DOWN
RTERM
RTERM
GPIO9
RNTC
RVTREF
CNTC
RGPIO
GPIO8
RNTC
RVTREF
CNTC
RGPIO
GPIO7
RNTC
RVTREF
CNTC
RGPIO
GPIO6
RNTC
RVTREF
CNTC
RGPIO
GPIO5
RNTC
RVTREF
CNTC
RGPIO
GPIO4
RNTC
RVTREF
CNTC
RGPIO
GPIO3
RNTC
RVTREF
CNTC
RGPIO
CBOOT
TRANSF
TRANSF
OPT
DZBAT
CVTREF
CESD
RISENSE
RISENSE
CESD
CBAT_2
CISENSE_2
CISENSE_3
VCELL10_EN = 0
VCELL5_EN = 0
DO NOT
CONNECT
BUSBAR HERE
VBUS
VBUS
IDISCHARGE
6.11
Communication architectures
6.11.1
Distributed BMS
In the distributed approach, the BMS is made of a Master PCB and several Slave PCBs.
•
L9963E in the Slave PCBs is configured with SPIEN = 0, thus communicating on the vertical interface
through isolated SPI
•
L9963E in the Master PCB is configured as SPI Slave and translates SPI frames into suitable pulses to be
transmitted over the vertical interface
L9963E
Communication architectures
DS13636 - Rev 12
page 154/184